Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 129 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 129 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 125Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 126Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 127Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 128Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 129Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 130Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 131Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 132Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 133Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
129
Rev. A3
10/02/2025
FAST READ DTR OPERATION IN QPI MODE (FRDTR, 0Dh or 4FRDTR, 0Eh)
The FRDTR/4FRDTR instruction in QPI mode utilizes all four IO lines to input the instruction code so that only two
clocks are required, while the FRDTR/4FRDTR instruction in SPI mode requires that the byte-long instruction code
is shifted into the device only via IO0 (SI) line in eight clocks. In addition, subsequent address and data out are
shifted in/out via all four IO lines unlike the FRDTR/4FRDTR instruction. Eventually this operation is same as the
FRQDTR/4FRQDTR in QPI mode, but the only different thing is that AX mode is not available in the
FRDTR/4FRDTR operation in QPI mode.
• 0Dh (EXTADD=0) is followed by a 3-byte address (A23-A0) or
• 0Dh (EXTADD=1) is followed by a 4-byte address (A31-A0) or
• 0Eh is followed by a 4-byte address (A31-A0)
The sequence of issuing FRDTR/4FRDTR instruction in QPI mode is: CE# goes low → Sending FRDTR/4FRDTR
QPI instruction (4-bit per clock) → 24-bit or 32-bit address interleave on IO3, IO2, IO1 & IO0 (8-bit per clock) as
above → 6 dummy clocks (configurable, default is 6 clocks) → Data out interleave on IO3, IO2, IO1 & IO0 (8-bit
per clock) → End FRDTR/4FRDTR operation in QPI mode by driving CE# high at any time during data out.
If the FRDTR/4FRDTR instruction in QPI mode is issued while an Erase, Program or Write cycle is in process is in
progress (WIP=1), the instruction will be rejected without any effect on the current cycle.
Figure 8.85 FRDTR Sequence In QPI Mode (0Dh [EXTADD=0], 3-byte address)
Instruction
= 0Dh
CE #
SCK
3-byte Address
0
1
2
3
4
5
6
7
8
9
10
11
12
Mode 3
Mode 0
tV
20 16 12
5 1
21 17 13
4 0
IO0
IO1
22 18 14
23 19 15
8 4 0
9 5 1
10 6 2
11 7 3
6 Dummy Cycles
IO2
IO3
6 2
7 3
5 1
4 0
6 2
7 3
Data
Out
Data
Out
...
4
0
5
1
6
2
7
3
...
...
...
...
Notes:
1. Number of dummy cycles depends on clock speed. Detailed information in Table 6.11 Read Dummy Cycles.
2. Sufficient dummy cycles are required to avoid I/O contention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com