Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 133 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 133 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 129Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 130Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 131Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 132Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 133Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 134Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 135Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 136Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 137Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
133
Rev. A3
10/02/2025
Figure 8.88 FRDDTR Sequence (BDh [EXTADD=1] or BEh, 4-byte address)
CE#
SCK
IO0
IO1
Instruction = BDh/BEh
CE#
SCK
IO0
IO1
4-byte Address
High Impedance
0
1
2
3
4
5
6
7
8
9
10
...
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
Mode 3
Mode 0
tV
30 28 26
0
7 5 3 1 7 5 3 1 7 5 3 1 7 5 3 1 7 5 3 1 7 5 3 1
4 Dummy Cycles
31 29 27
1
Data Out
...
6 4 2 0 6 4 2 0 6 4 2 0 6 4 2 0 6 4 2 0 6 4 2 0
Data Out
Data Out
Data Out
Data Out
Data Out
24 22 20
25 23 21
18
19
7 5
6 4
3 1
2 0
Mode Bits
...
Mode Bits
...
...
...
Notes:
1. If the mode bits=AXh (where X is don’t care), it can execute the AX read mode (without command). When the mode
bits are different from AXh, the device exits the AX read operation.
2. Number of dummy cycles depends on clock speed. Detailed information in Table 6.11 Read Dummy Cycles.
3. Sufficient dummy cycles are required to avoid I/O contention. If the number of dummy cycles and AX bits cycles
are same, then X should be Hi-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com