Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 134 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 134 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 130Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 131Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 132Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 133Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 134Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 135Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 136Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 137Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 138Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
134
Rev. A3
10/02/2025
Figure 8.89 FRDDTR AX Read Sequence (BDh [EXTADD=0], 3-byte address)
IO0
IO1
3-byte Address
...
...
tV
22 20 18
7 5 3 1 7 5 3 1 7 5 3 1
4 Dummy Cycles
23 21 19
...
6 4 2 0 6 4 2 0 6 4 2 0
Data Out
Data Out
Data Out
16 14 12
17 15 13
10
11
SCK
0
1
2
...
6
7
8
9
10
11
12
13
14
15
16
Mode 3
Mode 0
CE#
7 5 3 1
6 4 2 0
0
1
Mode Bits
...
...
Notes:
1. If the mode bits=AXh (where X is don’t care), it will keep executing the AX read mode (without command). When the
mode bits are different from AXh, the device exits the AX read operation.
2. Number of dummy cycles depends on clock speed. Detailed information in Table 6.11 Read Dummy Cycles.
3. Sufficient dummy cycles are required to avoid I/O contention. If the number of dummy cycles and AX bits cycles
are same, then X should be Hi-Z.
Figure 8.90 FRDDTR AX Read Sequence (BDh [EXTADD=1] or BEh, 4-byte address)
4-byte Address
...
30 28 26
31 29 27
24 22 20
25 23 21
18
19
8
9
10
11
12
13
14
15
16
17
18
IO0
IO1
...
tV
7 5 3 1 7 5 3 1 7 5 3 1
4 Dummy Cycles
...
6 4 2 0 6 4 2 0 6 4 2 0
Data Out
Data Out
Data Out
SCK
0
1
2
...
Mode 3
Mode 0
CE#
7 5 3 1
6 4 2 0
0
1
Mode Bits
...
...
Notes:
1. If the mode bits=AXh (where X is don’t care), it will keep executing the AX read mode (without command). When the
mode bits are different from AXh, the device exits the AX read operation.
2. Number of dummy cycles depends on clock speed. Detailed information in Table 6.11 Read Dummy Cycles.
3. Sufficient dummy cycles are required to avoid I/O contention. If the number of dummy cycles and AX bits cycles
are same, then X should be Hi-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com