Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 154 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 154 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 150Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 151Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 152Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 153Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 154Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 155Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 156Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 157Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 158Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
154
Rev. A3
10/02/2025
8.53 READ PPB OPERATION (RDPPB, FCh or 4RDPPB, E2h)
FCh (EXTADD=0) is followed by a 3-byte address (A23-A0) or
FCh (EXTADD=1) is followed by a 4-byte address (A31-A0) or
E2h is followed by a 4-byte address (A31-A0)
The instruction code is shifted into SI by the rising edges of the SCK signal, followed by the 24-bit or 32-bit address
selecting location zero within the desired sector/block as above. Then the 8-bit PPB Access Register contents are
shifted out on SO. The RDPPB/4RDPPB is supporting only SPI, not supporting QPI.
It is possible to read the same PPB Access Register continuously by providing multiples of eight bits. The address
of the PPB Access Register does not increment so this is not a means to read the entire PPB array. Each location
must be read with a separate Read PPB command.
Note: Data must be either 00h (protected) or FFh (unprotected).
Figure 8.119 Read PPB Sequence (FCh [EXTADD=0], 3-byte address)
Instruction = FCh
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
32
33
34
35
36
37
38
39
Mode 3
Mode 0
3-byte Address
tV
7
3
2
1
0
6
5
4
Figure 8.120 Read PPB Sequence (FCh [EXTADD=1] or E2h, 4-byte address)
Instruction = FCh/E2h
CE #
SCK
SI
SO
0
1
...
7
8
9
...
39
40
41
42
43
44
45
46
47
Mode 3
Mode 0
4-byte Address
tV
7
3
2
1
0
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com