Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 158 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 158 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 154Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 155Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 156Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 157Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 158Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 159Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 160Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 161Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 162Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
158
Rev. A3
10/02/2025
8.56 READ ASP OPERATION (RDASP, 2Bh)
The RDASP instruction code is shifted in by the rising edge of the SCK signal. Then the 16-bit ASP register contents
is shifted out, least significant byte first, most significant bit of each byte first. Each bit is shifted out at the SCK
frequency by the falling edge of the SCK signal. It is possible to read the ASP register continuously by providing
multiples of 16 bits.
Figure 8.127 Read ASP Sequence In SPI Mode
8
9
...
15
16
17
...
23
Instruction = 2Bh
CE#
SCK
SI
SO
0
1
2
3
4
5
6
7
Mode 3
Mode 0
tV
7
15
14
8
6
...
0
...
1st byte Data Out
2nd byte Data Out
Figure 8.128 Read ASP Sequence In QPI Mode
2Bh
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
2
3
4
5
1st byte
Data Out
tV
2nd byte
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com