Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 159 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 159 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 155Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 156Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 157Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 158Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 159Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 160Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 161Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 162Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 163Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
159
Rev. A3
10/02/2025
8.57 PROGRAM ASP OPERATION (PGASP, 2Fh)
Before the Program ASP (PGASP) command can be accepted by the device, a Write Enable (WREN) command
must be issued. After the WREN command has been decoded, the device will set the Write Enable Latch (WEL) in
the Status Register to enable any write operations.
The PGASP command is entered by driving CE# low, followed by the instruction code and two data bytes, least
significant byte first, most significant bit of each byte first. The ASP Register is two data bytes in length. The PGASP
command affects the Write In Progress (WIP) bit in the same manner as any other programming operation.
CE# input must be driven high after the sixteenth bit of data has been latched in. If not, the PGASP command is
not executed. As soon as CE# is driven high, the PGASP operation is initiated. While the PGASP operation is in
progress, the Status Register or the Extended Read Register may be read to check the value of WIP bit. The WIP
bit is “1” during the PGASP operation, and is “0” when it is completed. When the PGASP operation is completed,
the WEL is set to “0”.
Figure 8.129 Program ASP Sequence In SPI Mode
Instruction = 2Fh
CE #
SCK
SI
SO
0
1
...
7
8
9
...
13
14
15
16
17
...
21
22
23
Mode 3
Mode 0
1st byte Data In
High Impedence
1
...
10
9
8
0
15
14
7
6
...
2
2nd byte Data In
Figure 8.130 Program ASP Sequence In QPI Mode
2Fh
SCK
IO[3:0]
0
1
Mode 3
Mode 0
2
3
4
5
1st byte
Data In
2nd byte
Data In
CE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com