Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 174 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 174 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 170Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 171Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 172Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 173Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 174Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 175Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 176Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 177Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 178Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
174
Rev. A3
10/02/2025
8.70 IN BAND RESET OPERATION
The device offers an additional feature of In-Band RESET function, which uses existing SPI signals to initiate a
hardware reset, which is different from existing software reset/hardware reset (dedicated RESET# pin);
-
Existing software reset commands often depend on the Flash being in a particular mode before they are effective. This
makes software based reset sequences depend on slave device and mode.
-
Dedicated RESET# pin requires additional pin over traditional 8-pins of SPI Flash device. Also it requires 1 more signal for
reset operation.
In Band-RESET operation requires 2-signal pins; CE# and IO0.
•
CE# is driven active low to select the SPI slave
(note1)
•
Clock (SCK) remains stable in either a high or low state ….(note 2)
•
SI (DQ0) is driven low by the bus master, simultaneously with CE# going active low……(note 3)
•
CE# is driven inactive … (note 4)
•
Repeat the above 4 steps, each time alternating the state of SI (IO0).
•
After the fourth CE# pulse, the slave triggers its internal reset……..(note 5)
Note 1 This powers up the SPI slave
Note 2 This prevents any confusion with a command, as no command bits are transferred (clocked)
Note 3 No SPI bus slave drives SI (IO0) during CE# low before a transition of clock (SCK). Slave streaming output
active is not allowed until after the first edge of clock (SCK).
Note 4 The slave captures the state of SI on the rising edge of CE#
Note 5 SI (IO0) is low on the first CE#, high on the second, low on the third,
high on the fourth … (This provides a 5h, unlike random noise)
NOTE:
This reset sequence is not intended to be used at normal power on, but to be used only when the device is not
responding to the system. This reset sequence will be operational from any state that the device may be in. During the
reset process, the device will ignore any chip select {command}. Once the sequence is completed the device will
respond to normal operation e.g: provide a SFDP response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com