Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 176 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 176 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 172Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 173Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 174Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 175Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 176Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 177Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 178Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 179Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 180Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
176
Rev. A3
10/02/2025
8.71 READ ECC REGISTER OPERATION (RDECC, B3h)
The Read ECC Register (RDECC) instruction provides access to the ECC Register. The instruction is shifted on
SI, then the 48-bit ECC Register data is shifted out on SO from bit 7 of 1st byte.
Register data is coming out continuously until CE# goes High. 1st byte data is coming out again after 6th byte data
when CE# remains Low.
Note: 1Gb is an MCP of two 512Mb die, so the ECC register data after RDECC command is from one die
(previously selected die), and additional dummy read from another die (to select another die) + RDECC
command is required to get ECC register data from another die .
Figure 8.156 Read ECC Register Sequence In SPI Mode
Instruction = B3h
CE#
SCK
SI
SO
0
1
...
7
8
9
...
15
16
17
...
23
...
64
48
...
Mode 3
Mode 0
tV
7
15
14
8
6
...
0
47
46
40
...
...
...
55
1st byte Data Out
2nd byte Data Out
...
6th byte Data Out
Figure 8.157 Read ECC Register In QPI Mode
B3h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
2
3
4
5
7:0
15:8
...
47:40
...
12
13
1st byte
Data Out
2nd byte
Data Out
6th byte
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com