Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 180 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 180 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 176Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 177Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 178Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 179Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 180Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 181Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 182Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 183Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 184Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
180
Rev. A3
10/02/2025
9.3 DC CHARACTERISTICS
(Under operating range)
Symbol
Parameter
Condition
Min
Typ(2)
Max
Units
ICC1
VCC Active Read current(3)
NORD at 66MHz
22
29
mA
FRD Single at 166MHz
25
32
FRD Dual at 166MHz
29
36
FRD Quad at 166MHz
34
41
FRD Single at 133MHz
23
29
FRD Dual at 133MHz
27
32
FRD Quad at 133MHz
31
38
FRD Quad at 83MHz
27
34
FRD Quad at 104MHz
29
36
FRD Single DTR at 80MHz
24
29
FRD Dual DTR at 80MHz
28
31
FRD Quad DTR at 80MHz
30
34
ICC2
VCC Program Current
CE# = VCC
40
46
mA
ICC3
VCC WRSR Current
CE# = VCC
60
72
ICC4
VCC Erase Current
(SER/4SER/BER32/4BER32/
BER64/4BER64)
CE# = VCC
40
46
ICC5
VCC Erase Current (CE)
CE# = VCC
45
51
ISB1
VCC Standby
Current CMOS
IS25LE
CE# = VCC,
VIN = GND or VCC (4)
85°C
60
160 (6)
µA
105°C
400
IS25WE
85°C
120
160 (6)
uA
105°C
400
ISB2
Deep power down
current
IS25LE
CE# = VCC,
VIN = GND or VCC (4)
85°C
20
40 (6)
µA
105°C
80
IS25WE
85°C
2
40 (6)
105°C
80
ILI
Input Leakage Current
VIN = 0V to VCC
±6(5)
µA
ILO
Output Leakage Current
VIN = 0V to VCC
±265)
µA
VIL(1)
Input Low Voltage
-0.5
0.3VCC
V
VIH(1)
Input High Voltage
0.7VCC
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 100 µA
0.2
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2
V
Notes:
1. Maximum DC voltage on input or I/O pins is VCC + 0.5V. During voltage transitions, input or I/O pins may overshoot
VCC by +2.0V for a period of time not to exceed 20ns. Minimum DC voltage on input or I/O pins is
-0.5V. During voltage transitions, input or I/O pins may undershoot GND by -2.0V for a period of time not to exceed
20ns.
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC
= VCC (Typ), TA=25°C.
3. Outputs are unconnected during reading data so that output switching current is not included.
4. VIN = Vcc for the dedicated RESET# pin and dedicated WP# pin.
5. The Max of ILI and ILO for the dedicated RESET# pin and dedicated WP# pin are ±4 µA.
6. These parameters are characterized and are not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com