Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 182 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 182 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 178Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 179Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 180Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 181Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 182Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 183Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 184Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 185Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 186Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
182
Rev. A3
10/02/2025
9.6 AC CHARACTERISTICS
(Under operating range, refer to section 9.4 for AC measurement conditions)
Symbol
Parameter
Min
Typ(2)
Max
Units
fCT
Clock Frequency except for
fast read DTR and read (03h)
IS25LE
0
166
MHz
IS25WE
0
133
MHz
Clock Frequency for fast read DTR:
SPI DTR, Dual DTR, Dual I/O DTR, Quad I/O DTR, and
QPI DTR.
0
80
MHz
fC
Clock Frequency for read (03h)
0
66
MHz
tCLCH(1)
SCK Rise Time (peak to peak)
0.1
V/ns
tCHCL(1)
SCK Fall Time ( peak to peak)
0.1
V/ns
tCKH
SCK High Time
For read (03h)
0.45 x 1/fCmax
ns
For others
0.45 x 1/fCTmax
tCKL
SCK Low Time
For read (03h)
0.45 x 1/fCmax
ns
For others
0.45 x 1/fCTmax
tCEH
CE# High Time
7 (5)
ns
tCS
CE# Setup Time
IS25LE
3
ns
IS25WE
3
tCH
CE# Hold Time
3
ns
tCHSL
CE# Not Active Hold Time
3
ns
tSHCH
CE# Not Active Setup Time
3
ns
tDS
Data In Setup Time
STR
2
ns
DTR
1.5
tDH
Data in Hold Time
STR
2
ns
DTR
1.5
tV
Output Valid
IS25LE
@10pF
5.5(4).
@30pF
7.0
IS25WE
@10pF
5.5. (4).
@30pF
7.0
tOH
Output Hold Time
2
ns
tDIS(1)
Output Disable Time
8
ns
tWHSL(3)
Write Protect Setup Time
20
ns
tSHWL(3)
Write Protect Hold Time
100
ns
tHLCH
HOLD Active Setup Time relative to SCK
2
ns
tCHHH
HOLD Active Hold Time relative to SCK
2
ns
tHHCH
HOLD Not Active Setup Time relative to SCK
2
ns
tCHHL
HOLD Not Active Hold Time relative to SCK
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com