Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 179 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 179 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 175Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 176Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 177Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 178Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 179Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 180Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 181Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 182Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 183Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
179
Rev. A3
10/02/2025
9. ELECTRICAL CHARACTERISTICS
9.1 ABSOLUTE MAXIMUM RATINGS (1)
Storage Temperature
-65°C to +150°C
Input Voltage with Respect to Ground on All Pins
-0.5V to VCC + 0.5V
All Output Voltage with Respect to Ground
-0.5V to VCC + 0.5V
VCC
IS25LE
-0.5V to +6.0V
IS25WE
-0.5V to +2.5V
Note:
1. Applied conditions greater than those listed in “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
9.2 OPERATING RANGE
Operating Temperature
Extended Grade I
-40°C to 85°C
Extended Grade E
-40°C to 105°C
Automotive Grade A1
-40°C to 85°C
Automotive Grade A2
-40°C to 105°C
VCC Power Supply
IS25LE
2.7V (VMIN) – 3.6V (VMAX); 3.0V (Typ)
IS25WE
1.65V (VMIN) –1.95V (VMAX); 1.8V (Typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com