Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 183 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 183 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 179Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 180Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 181Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 182Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 183Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 184Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 185Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 186Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 187Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
183
Rev. A3
10/02/2025
Symbol
Parameter
Min
Typ(2)
Max
Units
tEC
Sector Erase Time (4Kbyte)
100
300
ms
Block Erase Time (32Kbyte)
0.14
0.5
s
Block Erase time (64Kbyte)
0.17
1.5
s
Block Erase time (256Kbyte)
0.68
4.0
s
Chip Erase Time
280
720
s
tPP
Page Program Time
256byte
0.3
2.0
ms
512byte
0.6
4.0
tRES1(1)
Release deep power down
IS25LE
3
µs
IS25WE
5
tDP(1)
Deep power down
3
µs
tW
Write Status Register time
2
15
ms
tSUS(1)
Suspend to read ready
-
100
µs
TRS(1)
Resume to next suspend
80
-
µs
tSRST(1)
Software Reset recovery time
100
µs
tRESET(1),
RESET# pin low pulse width
100
ns
tHWRST(1),
Hardware Reset recovery time
100
µs
Notes:
1. These parameters are characterized and not 100% tested.
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC
= VCC (Typ), TA=25°C.
3. Only applicable as a constraint for a WRITE STATUS REGISTER command when SRWD is set at 1.
4. Values are guaranteed by characterization and not 100% tested in production.
5. tCEH = 500ns (Min.) before Suspend Command (75h/B0h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com