Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 186 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 186 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 182Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 183Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 184Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 185Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 186Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 187Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 188Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 189Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 190Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
186
Rev. A3
10/02/2025
9.8 POWER-UP AND POWER-DOWN
At Power-up and Power-down, the device must be NOT SELECTED until Vcc reaches at the right level. (Adding a
simple pull-up resistor on CE# is recommended.)
Figure 9.6 Power up timing
VCC
VCC(max)
VCC(min)
VWI
tVCE
Device is fully
accessible
Chip Selection Not Allowed
= Vcc min. to CE# Low
Time
PU
t
Symbol
Parameter
Min.
Max
Unit
tVCE(1)
Vcc(min) to CE# Low
500 (2)
us
tPU(1)
Ground to Vcc(min)
2.5
ms
VWI(1)
Write Inhibit Voltage
IS25LE
2.1
V
IS25WE
1.5
Note:
1. These parameters are characterized and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com