Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 192 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 192 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 185Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 186Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 187Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 188Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 189Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 190Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 191Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 192Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 193Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 192 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
192
Rev. A3
10/02/2025
11. ORDERING INFORMATION – Valid Part Numbers
IS25LE 01G G - R H L I :P - TR
PACKING
TR = Tape and Reel
TY = Tray
Blank = Bulk
PBO (Polybenzoxazole) LAYER
:P = Die Overcoat process-PBO layer (Call Factory)
Blank = No PBO layer
TEMPERATURE RANGE
E = Extended (-40°C to +105°C)
A2 = Automotive Grade (-40°C to +105°C)
PACKAGING CONTENT
L = Green Package (RoHS Compliant, Halogen-free) and
TSCA Compliant
PACKAGE Type
L = 8-contact WSON (8x6mm)
M = 16-pin SOIC 300mil
G = 24-ball TFBGA (6x8mm) 4x6 ball array
H = 24-ball TFBGA (6x8mm) 5x5 ball array
W = KGD (Call Factory)
Option
J = Standard
R = Dedicated RESET# in 16-pin SOIC, 24-ball BGA
Q = QE bit set to 1 (Call Factory)
K = Optional 512-byte Page & 256KB Sector (Call Factory)
T = Optional 512-byte Page & 256KB Sector with dedicated
RESET# for SOIC/TFBGA
W = Dedicated RESET# and Dedicated WP# in 24-ball BGA,
5x5 array (Call Factory)
Die Revision
G = Revision G.
Density
01G = 1Gb
BASE PART NUMBER
IS = Integrated Silicon Solution Inc.
25LE = FLASH, 2.70V ~ 3.60V, QPI & On Chip ECC
25WE = FLASH, 1.65V ~ 1.95V, QPI & On Chip ECC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com