Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 162 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 162 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 158Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 159Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 160Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 161Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 162Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 163Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 164Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 165Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 166Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
FCCUx Status
Condition
Error type
HIGH
Longer than tFCCU_LF
Too slow
HIGH
Shorter than tFCCU_HF
Too fast
LOW
Longer than tFCCU_LF
Too slow
LOW
Shorter than tFCCU_HF
Too fast
Table 213. FCCUx error conditions
The FCCUx_RPULL_EN bit is used to enable or disable the internal pulldown resistor in the corresponding
input.
FCCUx_RPULL_EN
FCCUx internal pull resistor
0
Pull-down disabled
1
Pull-down Enabled
Table 214. FCCUx internal pull resistor selection in single-ended PWM mode
14.7.5 FCCU diagnostics
In single-ended mode (Level or PWM modes) each FCCUx pin is provided with an independent interrupt flag
FCCUx_I to report a fault condition on the corresponding FCCU pin. An FCCUx_I interrupt will assert the INTB
pin if the interrupt is not masked.
The FCCUx_S bit provides the real time status of the corresponding FCCUx input.
FCCUx_S
FCCUx sense bit
0
No error mode
1
FCCU error detected
Table 215. FCCUx sense bit
In bistable mode, the FCCU will report the fault conditions through the FCCU0_I bit, and the FCCU0_M bit
controls the interrupt mask for the FCCU interface. An FCCU0_I interrupt will assert the INTB pin if the interrupt
is not masked.
In bistable operation the FCCU0_S bit provides the real time fault status of the FCCU interface.
FCCU0_S
FCCU0 sense bit
0
No error mode
1
FCCU error detected
Table 216. FCCU0 sense bit
14.7.6 Electrical characteristics
All parameters are specified at TA = -40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V
and TA = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
VIL_FCCUx
FCCUx low input level threshold
• Maximum voltage to ensure a low state
–
–
0.3*VDDIO
V
VIH_FCCUx
FCCUx high input level threshold
0.7*VDDIO
–
–
V
Table 217. FCCU electrical characteristics
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
162 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com