Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 163 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 163 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 159Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 160Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 161Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 162Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 163Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 164Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 165Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 166Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 167Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
All parameters are specified at TA = -40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V
and TA = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
• Minimum voltage to ensure a high state
VHYST_FCCUx
FCCUx input voltage hysteresis
0.1
–
0.4
V
RPD_FCCUx
FCCUx internal pull-down
• FCCUx_RPULL_EN = 1
400
800
1300
kΩ
RPU_FCCUx
FCCUx internal pullup to VDDIO
• FCCUx_RPULL_EN = 1
100
200
400
kΩ
tFCCUx_DBNC0
FCCUx debounce time in PWM mode
0.8
1
1.2
μs
tFCCUx_DBNC1
FCCUx debounce time
• FCCUx_DBNC[1:0] = 00
1
3
4
μs
tFCCUx_DBNC2
FCCUx debounce time
• FCCUx_DBNC[1:0] = 01
4
6
8
μs
tFCCUx_DBNC3
FCCUx debounce time
• FCCUx_DBNC[1:0] = 10
8
12
16
μs
tFCCUx_DBNC4
FCCUx debounce time
• FCCUx_DBNC[1:0] = 11
16
20
24
μs
tFCCUx_HF
FCCUx high-frequency detection time
6
7.75
10
μs
tFCCUx_LF
FCCUx low-frequency detection time
51
64
80
μs
Table 217. FCCU electrical characteristics...continued
14.8 ABIST
The PF09 implements an analog built-in self test (ABIST) routine to evaluate the integrity of the voltage
monitors, safety I/Os and other internal safety-related blocks. ABIST is intended to verify a minimum
requirement for ASIL B systems to ensure the internal voltage monitoring circuits are able to notify the logic
controller of an OV or UV condition using an internal reference.
The following blocks will be tested during ABIST:
• OV and UV comparators for each individual SWx, LDOx and VAON supply
• OV and UV comparators for each individual VMONx input.
• OV comparator for the internal VDIG supply.
• OV comparator for the internal VANA supply.
• TSD comparator for the thermal monitor
• RSTB pin is tested for short to high conditions
• FS0B pin is tested for short to high conditions
If any of the comparators is not able to toggle during ABIST, the corresponding ABIST flag will be set to 1 to
allow the MCU to inspect the fault condition and prevent unsafe operation. The ABIST flags cannot be cleared
manually, and they can be cleared only after a new ABIST test is performed and passed.
ABIST flags
Description
AB_SWx_OV
SWx OV monitor ABIST flag
AB_SWx_UV
SWx UV monitor ABIST flag
Table 218. ABIST flags
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
163 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com