Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 165 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 165 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 161Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 162Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 163Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 164Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 165Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 166Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 167Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 168Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 169Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
When LBIST is available in the system, it will be performed during the power-on event when the OTP fuses
are loaded. Because the LBIST routine requires a considerable amount of time to be performed, the system
designer must take into consideration the extra time needed for the LBIST test for every power-on cycle.
During the LBIST routine, the PF09 will test the logic gates controlling the following safety-related mechanisms:
• OV/UV monitoring logic and deglitchers
• FCCU inputs
• ERRMON input
• Watchdog management
• Dynamic CRC
• FS0B control logic (on main)
• PGOOD control logic
• DMS interface logic (on main)
If the LBIST routine is failed at power-up, the PF09 will not be able to start a power-up sequence to prevent a
startup with a potential single-point or latent failure.
For debugging purposes, the LBIST_STATUS[1:0] bits are provided to read the status/result of the LBIST during
the DBGOFF state in the event the LBIST has failed.
LBIST_STATUS[1:0]
LBIST status
00
LBIST not executed
01
Test in progress
10
LBIST Failed
11
LBIST Passed
Table 219. LBIST status bits
14.10.2 LBIST on demand
The LBIST on-demand routine can be requested at any time during the RUN state by sending the system
command SYS_CMD = 0x4A. It is intended to provide coverage for latent failures in the digital signals
controlling the safety mechanism on an automotive system with very long drive cycles, or an industrial system
with always-on operating cycles.
To request LBIST on demand:
1. Read all save the Registers content:
• LDO1_SEQ[7:0]
• LDO2_SEQ[7:0]
• LDO3_SEQ[7:0]
• SW1_SEQ[7:0]
• SW2_SEQ[7:0]
• SW3_SEQ[7:0]
• SW4_SEQ[7:0]
• SW5_SEQ[7:0]
• VAON_SEQ[7:0]
• VAON[1:0]
• VLDO1_RUN[4:0]
• VLDO2_RUN[4:0]
• VLDO3_RUN[4:0]
• VSW1_RUN[7:0]
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
165 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com