Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 126 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 126 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 122Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 123Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 124Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 125Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 126Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 127Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 128Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 129Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 130Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
13.3.2 VAON monitoring
The VAON regulator is provided with two internal monitoring circuits to ensure proper monitoring and reaction
during the full operation of the system, maintaining minimum power consumption during the Low-power mode,
and providing proper coverage for the safety requirements to maintain circuit independence during the safety-
critical operating states.
The following section addresses voltage monitoring during the Power-up sequence, RUN and monitored
STANDBY states supported by the programmable voltage monitoring circuit with independent reference supply.
VAON monitoring during the OFF states and low-power STANDBY state is performed only by the low-power
undervoltage monitor as described in section 16.6.3 VAON Fault Management.
The VAONMON OV/UV debounce time follows the configuration set in the OV_DBNC[1:0] and UV_DBNC[1:0],
like all the other regulators.
aaa-056075
Monitoring voltage
reference
Reset
pulse
Sampling
network
Error amp and
controller
Low-power
voltage reference
Control logic
UV
BG_LP
VAON MON voltage monitor
VAON LP UV monitor
Latched on VIN domain
VAON regulator
Power stage
VAON
VIN
UV Fault
BG2
OV Fault
Figure 32. VAON voltage monitoring architecture
The undervoltage monitoring threshold for the VAONMON block is set in the OTP registers via the
OTP_VAON_UVTH[1:0] bits.
OTP_VAON_UVTH[1:0]
VAON UV threshold
00
97 %
01
95 %
10
93 %
11
91 %
Table 165. VAON UV threshold configuration bits
The overvoltage monitoring threshold for the VAONMON block is set in the OTP registers via the
OTP_VAON_OVTH[1:0] bits.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
126 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com