Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 127 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 127 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 123Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 124Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 125Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 126Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 127Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 128Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 129Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 130Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 131Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
OTP_VAON_OVTH[1:0]
VAON OV threshold
00
103 %
01
105 %
10
107 %
11
109 %
Table 166. VAON OV threshold configuration bits
13.3.2.1 VAON as always-on regulator
When the VAON regulator is configured as an always-on regulator, the VAONMON block will be used during the
DBGOFF state to ensure the VAON is within regulation before the PF09 can start the Power-up sequence.
OV/UV conditions will be detected and debounced based on the configuration bits provided above, and the fault
reaction will be performed as described in section 16.6.3 VAON Fault Management.
13.3.2.2 VAON as system regulator
When VAON is operating as a system regulator, the VAONMON is enabled during the Power-up sequence to
ensure the system has proper power before placing the MCU out of reset, and it will continue monitoring for OV/
UV fault conditions based on the VAONMON configuration shown above.
Fault reaction will be performed as described in section 16.6.2 System Regulators and External VMON Fault
Management.
13.3.3 External voltage monitoring
The PF09 features two dedicated external voltage monitors (VMON1 and VMON2) with selectable voltage
references, to allow seamless monitoring of an external supply with dynamic voltage scaling (DVS) capability.
Two additional external voltage monitors are available at the LDO2 and LDO3 outputs, if the LDO regulators are
not needed in the system.
13.3.3.1 VMON1 / VMON2
VMON1 and VMON2 are dedicated voltage monitors provided to allow the PF09 to monitor up to two external
voltages generated outside the device. In such scenarios, the PF09 becomes the main power management
safety controller to detect and notify when an OV/UV condition is present in the external voltage supplies.
Each VMON pin is provided with a weak internal pulldown resistor in order to detect a random pin disconnection
at the VMONx pin.
The undervoltage monitoring threshold for the VMONx block is set in the OTP registers via the
OTP_VMONx_UVTH[2:0] bits.
OTP_VMONx_UVTH[2:0]
UV threshold
000
96.5 %
001
96.0 %
010
95.5 %
011
95.0 %
100
94.5 %
Table 167. VMONx UV threshold configuration bits
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
127 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com