Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 129 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 129 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 125Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 126Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 127Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 128Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 129Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 130Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 131Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 132Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 133Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
The VMONx OV/UV debounce time follows the configuration set in the global OV_DBNC[1:0] and
UV_DBNC[1:0] bits.
Both VMON1 and VMON2 are capable of monitoring an external voltage supply between 0.5 V and 1.275
V during the RUN and Monitoring STANDBY states by directly connecting the VMONx pin to the voltage
monitoring point and setting the corresponding VMONx_RUN[4:0] and VMONx_STANDBY[4:0] bits. The default
value for the target monitoring level for the VMONx is configurable in OTP via the OTP_VMONX_RUN[4:0] and
OTP_VMONx_STBY[4:0] bits.
VMONx_RUN[4:0] VMONx_STBY[4:0]
VMONx monitoring voltage
00000
0.5000 V
00001
0.5250 V
00010
0.5500 V
00011
0.5750 V
00100
0.6000 V
00101
0.6250 V
00110
0.6500 V
00111
0.6750 V
01000
0.7000 V
01001
0.7250 V
01010
0.7500 V
01011
0.7750 V
01100
0.8000 V
01101
0.8250 V
01110
0.8500 V
01111
0.8750 V
10000
0.9000 V
10001
0.9250 V
10010
0.9500 V
10011
0.9750 V
10100
1.0000 V
10101
1.0250 V
10110
1.0500 V
10111
1.0750 V
11000
1.1000 V
11001
1.1250 V
11010
1.1500 V
11011
1.1750 V
11100
1.2000 V
11101
1.2250 V
Table 171. VMONx monitoring voltage configuration bits
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
129 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com