Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 48Page - STMicroelectronics STMPE2403 Datasheet HTML 49Page - STMicroelectronics STMPE2403 Datasheet HTML 50Page - STMicroelectronics STMPE2403 Datasheet HTML 51Page - STMicroelectronics STMPE2403 Datasheet HTML 52Page - STMicroelectronics STMPE2403 Datasheet HTML 53Page - STMicroelectronics STMPE2403 Datasheet HTML 54Page - STMicroelectronics STMPE2403 Datasheet HTML 55Page - STMicroelectronics STMPE2403 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
Keypad controller
STMPE2403
52/63
KPC_data_byte1 Register
KPC_data_byte2 Register
Bit
7
654321
0
Name
Up/Down
R3R2R1R0C2
C1
C0
Read/Write
R
RRRRRRR
Reset Value
1
111100
0
Table 52. Bit description
Bit
Name
Description
7
Up/Down
‘0’ for key-down, ‘1’ for key-up
6R3
row number of key 2 (valid range : 0-11)
0x1111 for No Key
5R2
4R1
3R0
2C2
column number of key 2 (valid range : 0-7)
1C1
0C0
Bit
7
654321
0
Name
Up/Down
R3R2R1R0C2
C1
C0
Read/Write
R
RRRRRRR
Reset Value
1
111100
0
Table 53. Bit description
Bit
Name
Description
7
Up/Down
‘0’ for key-down, ‘1’ for key-up
6
R3
row number of key 3 (valid range : 0-11)
0x1111 for No Key
5R2
4R1
3R0
2
C2
column number of key 3 (valid range : 0-7)
1C1
0C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com