Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 54Page - STMicroelectronics STMPE2403 Datasheet HTML 55Page - STMicroelectronics STMPE2403 Datasheet HTML 56Page - STMicroelectronics STMPE2403 Datasheet HTML 57Page - STMicroelectronics STMPE2403 Datasheet HTML 58Page - STMicroelectronics STMPE2403 Datasheet HTML 59Page - STMicroelectronics STMPE2403 Datasheet HTML 60Page - STMicroelectronics STMPE2403 Datasheet HTML 61Page - STMicroelectronics STMPE2403 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
Miscellaneous features
STMPE2403
58/63
14
Miscellaneous features
14.1
Reset
STMPE2403 is equipped with an internal POR circuit that holds the device in reset state,
until the clock is steady and VCC input is valid. Host system may choose to reset the
STMPE2403 by asserting Reset_N pin.
14.2
Under Voltage Lockout
STMPE2403 is equipped with an internal UVLO circuit that generates a RESET signal,
when the main supply voltage falls below the allowed threshold.
14.3
Clock output
STMPE2403 provides a buffered 32KHz clock output at one of the GPIO as alternate
function. This clock could be used for cascading of multiple port expander devices, using
just 1 XTAL unit.
14.4
Crystal oscillator
STMPE2403 provides the option to use a crystal oscillator to provide the 32KHz clock.
Figure 14. Recommended schematics if external XTAL is used
STMPE2403
XTALIN
XTALOUT
GND
32KHz
27pF
27pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com