Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 35Page - STMicroelectronics STMPE2403 Datasheet HTML 36Page - STMicroelectronics STMPE2403 Datasheet HTML 37Page - STMicroelectronics STMPE2403 Datasheet HTML 38Page - STMicroelectronics STMPE2403 Datasheet HTML 39Page - STMicroelectronics STMPE2403 Datasheet HTML 40Page - STMicroelectronics STMPE2403 Datasheet HTML 41Page - STMicroelectronics STMPE2403 Datasheet HTML 42Page - STMicroelectronics STMPE2403 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
STMPE2403
GPIO controller
39/63
10.5
STMPE2401 Pin Compatibility Register (COMPAT2401)
STMPE2403 is an enhanced version of the other port expander device, STMPE2401.
However, the pin configuration of STMPE2403 is different from that of STMPE2401. For
backward pin compatibility to STMPE2401, COMPAT2401 register provides a control bit that
allows STMPEE2403 to have the same pin configuration as in STMPE2401.
The pin locations for the following eight IO ports are different from those shown in section
1.3: KP_X0, KP_X1, KP_X2, KP_X3, KP_Y4, KP_Y5, KP_Y6 and KP_Y7. When ‘PIN2401’
bit is set to ‘1’, the eight IO ports are assigned to the pin locations as defined by the following
diagram.
COMPAT2401
Bit
7
6
543
210
RESERVED
PIN2401
R/W
RRR
R
R
R
R
RW
Reset
Value
0
0
000
000
Table 37. Bit description
Bits
Name
Description
0
PIN240
1
This control bit selects pin configuration to be used.
‘0’ – STMPE2401 pin configuration as defined in sections 1.1 and 1.3.
‘1’ – Pin configuration compatible to STMPE2401.
Table 38. Pin location
AB
C
D
E
F
1
KP_X2
KP_X1
RESET
XTALOUT
SCLK
KP_Y6
2
KP_X4
KP_X3
KP_X0
XTALIN
SDATA
KP_Y7
3
KP_X6
KP_X5
GND1
GND2
KP_Y8
INT
4
VCC1
KP_X7
GND3
GND4
PWM-1
VCC2
5
KP_Y5
KP_Y3
KP_Y1
KP_Y9
PWM-3
PWM-2
6
KP_Y4
KP_Y2
KP_Y0
ADDR0
KP_Y10
KP_Y11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com