Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 15Page - STMicroelectronics STMPE2403 Datasheet HTML 16Page - STMicroelectronics STMPE2403 Datasheet HTML 17Page - STMicroelectronics STMPE2403 Datasheet HTML 18Page - STMicroelectronics STMPE2403 Datasheet HTML 19Page - STMicroelectronics STMPE2403 Datasheet HTML 20Page - STMicroelectronics STMPE2403 Datasheet HTML 21Page - STMicroelectronics STMPE2403 Datasheet HTML 22Page - STMicroelectronics STMPE2403 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
STMPE2403
System controller
19/63
7.2
System control register
Table 19. System control register
Bit
7
6
5
4
3
2
1
0
Soft_Reset Clock_Source Disable_32KHz Sleep
Enable_GPIO
Enable_PWM Enable_KPC Enable_ROT
Read/
Write (IIC)
WRW
RW
RW
RW
RW
RW
RW
Reset
Value
00
0
0
1
1
1
1
Table 20. System control register writing
Bits
Name
Description
0
Enable_ROT
Writing a ‘0’ to this bit will gate off the clock to the Rotator module, thus
stopping its operation
1
Enable_KPC
Writing a ‘0’ to this bit will gate off the clock to the Keypad Controller module,
thus stopping its operation
2
Enable_PWM
Writing a ‘0’ to this bit will gate off the clock to the PWM module, thus
stopping its operation
3
Enable_GPIO
Writing a ‘0’ to this bit will gate off the clock to the GPIO module, thus
stopping its operation
4
Sleep
Writing a ‘1’ to this bit will put the device in sleep mode. When in sleep
mode, all the units will work on 32KHz (typical) clock frequency.
5
Disable_32KHz
Set this bit to disable the 32KHz OSC, thus putting the device in hibernate
mode. Only a Reset or a wakeup on IIC will reset this bit
6
Clock_Source
Set to ‘1’ if external 32KHz clock were to be used. ‘0’ by default.
7
Soft_Reset
Writing a ‘1’ to this bit will do a soft reset of the device. Once the reset is
done, this bit will be cleared to ‘0’ by the HW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com