Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 18Page - STMicroelectronics STMPE2403 Datasheet HTML 19Page - STMicroelectronics STMPE2403 Datasheet HTML 20Page - STMicroelectronics STMPE2403 Datasheet HTML 21Page - STMicroelectronics STMPE2403 Datasheet HTML 22Page - STMicroelectronics STMPE2403 Datasheet HTML 23Page - STMicroelectronics STMPE2403 Datasheet HTML 24Page - STMicroelectronics STMPE2403 Datasheet HTML 25Page - STMicroelectronics STMPE2403 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
System controller
STMPE2403
22/63
7.5
Autosleep
Host system may configure the STMPE2403 to go into sleep mode automatically whenever
there is a period of inactivity following a complete I2C transaction with the STMPE2403.
This inactivity means there is no intended I2C transaction for the device. For example, if
there is I2C transaction sent by the host to other slave devices, the STMPE2403 device will
still be counting down for the auto-sleep. The STMPE2403 device resets the autosleep
time-out counter only when it receives an I2C transaction meant for the device itself. This
autosleep feature is controlled by the System Control Register 2.
All events that trigger an interrupt (KPC, Rotator controller, Hot-Key) would result in a
transition from SLEEP state to OPERATIONAL state automatically. The wake up can also
be performed through I2C transaction intended for the device.
7.6
Keypress detect in the hibernate mode
When in hibernate mode, a keypress detect will cause the system to go into sleep mode.
The sleep clock (32KHz) will then be used to debounce the key to detect a valid key. If the
keypress is detected to be valid, the system staty in the sleep mode. If the key is detected to
be invalid, the system will go back into hibernate mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com