Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 42Page - STMicroelectronics STMPE2403 Datasheet HTML 43Page - STMicroelectronics STMPE2403 Datasheet HTML 44Page - STMicroelectronics STMPE2403 Datasheet HTML 45Page - STMicroelectronics STMPE2403 Datasheet HTML 46Page - STMicroelectronics STMPE2403 Datasheet HTML 47Page - STMicroelectronics STMPE2403 Datasheet HTML 48Page - STMicroelectronics STMPE2403 Datasheet HTML 49Page - STMicroelectronics STMPE2403 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
Keypad controller
STMPE2403
46/63
12
Keypad controller
The keypad controller consists of: 1) four dedicated key controllers that support up to four
simultaneous dedicated key presses; 2) a key scan controller and two normal key controllers
that support a maximum of 12x8 key matrix with detection of three simultaneous key
presses; 3) eight special function key controllers that support up to eight simultaneous
special function key presses.
Four of the column inputs can be configured as dedicated keys through the setting of
Dkey0~3 bits of KPC_ctrl register.
The normal key matrix size is configurable through the setting of KPC_row and KPC_col
registers. The scanning of each individual row output and column input can be enabled or
masked to support a key matrix of variable size from 1x1 to 12x8. It is allowed to have
another eight special function keys incorporated in the key matrix.
The operation of the keypad controller is enabled by the SCAN bit of KPC_ctrl register.
Every key activity detected will be de-bounced for a period set by the DB_0~7 bits of
KPC_ctrl register before a key press or key release is confirmed and updated into the output
FIFO. The key data, indicating the key coordinates and its status (up or down), is loaded into
the FIFO at the end of a specified number of scanning cycles (set by ScanCount0~3 bits of
KPC_row_msb register). An interrupt will be generated when a new set of key data is
loaded. The FIFO has a capacity for ten sets of key data. Each set of key data consists of 5
bytes of information when any of the four dedicated keys is enabled. It is reduced to 4 bytes
when no dedicated key is involved. When the FIFO is full before its content is read, an
overflow signal will be generated while the FIFO will continue to hold its content but forbid
loading of new key data set.
Figure 8.
Keypad controller
Input 0-7
Output 0-11
Keypad Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com