Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 30Page - STMicroelectronics STMPE2403 Datasheet HTML 31Page - STMicroelectronics STMPE2403 Datasheet HTML 32Page - STMicroelectronics STMPE2403 Datasheet HTML 33Page - STMicroelectronics STMPE2403 Datasheet HTML 34Page - STMicroelectronics STMPE2403 Datasheet HTML 35Page - STMicroelectronics STMPE2403 Datasheet HTML 36Page - STMicroelectronics STMPE2403 Datasheet HTML 37Page - STMicroelectronics STMPE2403 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
GPIO controller
STMPE2403
34/63
The function of each bit is shown in the following table:
Table 33. Bit function
Register Name
Function
GPIO Monitor Pin State
Reading this bit yields the current state of the bit. Writing has no
effect.
GPIO Set Pin State
Writing ‘1’ to this bit causes the corresponding GPIO to go to ‘1’
state. Writing ‘0’ has no effect.
GPIO Clear Pin State
Writing ‘1’ to this bit causes the corresponding GPIO to go to ‘0’
state. Writing ‘0’ has no effect.
GPIO Set Pin Direction
‘0’ sets the corresponding GPIO to input state, and ‘1’ sets it to
output state
GPIO Edge Detect Status
Set to ‘1’ by hardware when there is a rising/falling edge on the
corresponding GPIO. Writing ‘1’ clears the bit. Writing ‘0’ has no
effect.
GPIO Rising Edge
Set to ‘1’ to enable rising edge detection on the corresponding
GPIO.
GPIO Falling Edge
Set to ‘1’ to enable falling edge detection on the corresponding
GPIO.
GPIO Pull Up
Set to ‘1’ to enable internal pull-up resistor
GPIO Pull Down
Set to ‘1’ to enable internal pull-down resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com