Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 38Page - STMicroelectronics STMPE2403 Datasheet HTML 39Page - STMicroelectronics STMPE2403 Datasheet HTML 40Page - STMicroelectronics STMPE2403 Datasheet HTML 41Page - STMicroelectronics STMPE2403 Datasheet HTML 42Page - STMicroelectronics STMPE2403 Datasheet HTML 43Page - STMicroelectronics STMPE2403 Datasheet HTML 44Page - STMicroelectronics STMPE2403 Datasheet HTML 45Page - STMicroelectronics STMPE2403 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
PWM controller
STMPE2403
42/63
11.2
PWM Control and Status Register (PWMCS)
Bit
7
6
5
4
3
210
ExtSel
ExtEn
II2
II1
II0
EN2
EN1
EN0
Read/Write
RW
RW
R
R
R
RW
RW
RW
Reset Value
0
0
0
0
0
0
0
0
Table 40. Bit description
Bits
Name
Description
0EN0
PWM Channel 0 Enable bit.
‘1’ – Enable the PWM Channel 0
‘0’ – Reset the PWM Channel 0. Only when the PWM channel is in reset state,
the stream of commands can be written into its data port, which in this case is
PWM_Command_Channel_0.
1EN1
PWM Channel 1 Enable bit.
‘1’ – Enable the PWM Channel 1
‘0’ – Reset the PWM Channel 1. Only when the PWM channel is in reset state,
the stream of commands can be written into its data port, which in this case is
PWM_Command_Channel_1.
2EN2
PWM Channel 2 Enable bit.
‘1’ – Enable the PWM Channel 2
‘0’ – Reset the PWM Channel 2. Only when the PWM channel is in reset state,
the stream of commands can be written into its data port, which in this case is
PWM_Command_Channel_2.
3II0
PWM Invalid Instruction Status bit for PWM Channel 0
‘0’ – No invalid command encountered during the instruction execution.
‘1’ – Invalid command encountered and this puts the PWM Channel 0 into reset
state.
4II1
PWM Invalid Instruction Status bit for PWM Channel 1
‘0’ – No invalid command encountered during the instruction execution.
‘1’ – Invalid command encountered and this puts the PWM Channel 1 into reset
state.
5II2
PWM Invalid Instruction Status bit for PWM Channel 2
‘0’ – No invalid command encountered during the instruction execution.
‘1’ – Invalid command encountered and this puts the PWM Channel 2 into reset
state.
6ExtEn
External Trigger Enable
‘0’ – External triggering function is disabled
‘1’ – External triggering function is enabled
If enabled, GPIO-15 is used as trigger input/output
7ExtSel
External Trigger Direction Selection
‘0’ – Active high external trigger input
‘1’ – Active low external trigger output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com