Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 16Page - STMicroelectronics STMPE2403 Datasheet HTML 17Page - STMicroelectronics STMPE2403 Datasheet HTML 18Page - STMicroelectronics STMPE2403 Datasheet HTML 19Page - STMicroelectronics STMPE2403 Datasheet HTML 20Page - STMicroelectronics STMPE2403 Datasheet HTML 21Page - STMicroelectronics STMPE2403 Datasheet HTML 22Page - STMicroelectronics STMPE2403 Datasheet HTML 23Page - STMicroelectronics STMPE2403 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
System controller
STMPE2403
20/63
7.3
System control register 2
Table 21. System control register 2
Bit
7
65
4
3
210
Reserved
Reserved
Reserved
Reserved
AutoSleepEN
Sleep_2
Sleep_1
Sleep_0
Read/
Write (IIC)
R
R
R
R
RW
RWRWRW
Reset
Value
0
0
0
0
0
000
Table 22. System control register 2
Bits
Name
Description
0
Sleep_0
“000” for 4mS delay
“001” for 16mS delay
“010” for 32mS delay
“011” for 64mS delay
“100” for 128mS delay
“101” for 256mS delay
“110” for 512mS delay
“111” for 1024mS delay
1
Sleep_1
2
Sleep_2
3
AutoSleepEN
“1” to enable auto-sleep feature. “0” to disable auto-sleep.
4
Reserved
5
Reserved
6
Reserved
7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com