Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 17Page - STMicroelectronics STMPE2403 Datasheet HTML 18Page - STMicroelectronics STMPE2403 Datasheet HTML 19Page - STMicroelectronics STMPE2403 Datasheet HTML 20Page - STMicroelectronics STMPE2403 Datasheet HTML 21Page - STMicroelectronics STMPE2403 Datasheet HTML 22Page - STMicroelectronics STMPE2403 Datasheet HTML 23Page - STMicroelectronics STMPE2403 Datasheet HTML 24Page - STMicroelectronics STMPE2403 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
STMPE2403
System controller
21/63
7.4
States of operation
The device has three main modes of operation:
Operational Mode: This is the mode, whereby normal operation of the device takes
place. In this mode, the RC clock is available and the Main FSM Unit routes this clock
and the 32 KHz clock to all the device blocks that are enabled. In this mode, individual
blocks that need not be working can be turned off by the master by programming the
bits 3 to 0 of the SYSCON register.
Sleep Mode: In this low-power mode, individual blocks can be turned off by the master
by programming the bits 3 to 0 of the SYSCON register. However, the master needs to
program the SYSCON register before coming into this mode, as in the sleep mode, the
IIC interface is not active except to detect traffic for wakeup. Any activity on the I2C port
(intended I2C transaction for the device) or Wakeup pin or Hotkey activity will cause the
device to leave this mode and go into the Operational mode. When leaving this mode,
the I2C will need to hold the SCLK till the RC clock is ready.
Hibernate Mode: This mode is entered when the system writes a '1' to bit 5 of the
SYSCON register. In this mode, the device is completely inactive as there is absolutely
no clock. Only a Reset or a wakeup on IIC will bring back the System to operational
mode. A keypress detect will bring the system to Sleep mode, in which the debounce of
the key will take place.
Note:
32KHz clock mentioned in this section could be (1) External clock from connected XTAL, (2)
Externally fed 32KHz clock, or (3) internally generated (from RC OSC) clock. In the case
that internal clock is used, it has a range of 25KHz to 45KHz.
Caution:
Hotkey detection is not possible in hibernate mode.
Figure 4.
States of operation
OPERATIONAL
32K: ON;
4MRC: ON;
SLEEP
32K: ON
4MRC :ONFF
Keypad,
Interrupts & I2C
transaction
Set Disable_32K bit
I2C
transaction
Reset
HIBERNATE
32K: OFF;
4MRC: OFF;
Set Sleep
bit or
autosleep
Valid Key press
detect
OPERATIONAL
32K: ON;
4MRC: ON;
SLEEP
32K: ON
4MRC :ONFF
Keypad,
Interrupts & I2C
transaction
Set Disable_32K bit
I2C
transaction
Reset
HIBERNATE
32K: OFF;
4MRC: OFF;
Set Sleep
bit or
autosleep
Valid Key press
detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com