Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 29Page - STMicroelectronics STMPE2403 Datasheet HTML 30Page - STMicroelectronics STMPE2403 Datasheet HTML 31Page - STMicroelectronics STMPE2403 Datasheet HTML 32Page - STMicroelectronics STMPE2403 Datasheet HTML 33Page - STMicroelectronics STMPE2403 Datasheet HTML 34Page - STMicroelectronics STMPE2403 Datasheet HTML 35Page - STMicroelectronics STMPE2403 Datasheet HTML 36Page - STMicroelectronics STMPE2403 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
STMPE2403
GPIO controller
33/63
10.1
GPIO control registers
A group of registers are used to control the exact function of each of the 24 GPIO. All GPIO
registers are named as GPxxx_yyy, where
Xxx represents the functional group
Yyy represents the byte position of the GPIO
Lsb registers controls GPIO[7:0]
Csb registers controls GPIO[15:8]
Msb registers controls GPIO[23:16]
Note:
This convention does not apply to the GPIO Alternate Function Registers
Address
Register Name
Description
Auto-Increment
(during sequential R/W)
0x9B
GPAFR_U_msb
GPIO Alternate Function Register (Upper Bit)
Yes
0x9C
GPAFR_U_csb
Yes
0x9D
GPAFR_U_lsb
Yes
0x9E
GPAFR_L_msb
GPIO Alternate Function Register (Lower Bit)
Yes
0x9F
GPAFR_L_csb
Yes
0xA0
GPAFR_L_lsb
Yes
0xA1
MUX_CTRL
MUX Control Register
Yes
0xA5
COMPAT2401
STMPE2401 Pin Compatibility Register
Yes
0xA6 – 0xAF
RESERVED
Reserved
Yes
Table 31. GPIO controller (continued)
Table 32. GPIO control registers
Bit
7
65
43
210
GPxxx_msb
IO-23
IO-22
IO-21
IO-20
IO-19
IO-18
IO-17
IO-16
GPxxx_csb
IO-15
IO-14
IO-13
IO-12
IO-11
IO-10
IO-9
IO-8
GPxxx_lsb
IO-7
IO-6
IO-5
IO-4
IO-3
IO-2
IO-1
IO-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com