Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 25Page - STMicroelectronics STMPE2403 Datasheet HTML 26Page - STMicroelectronics STMPE2403 Datasheet HTML 27Page - STMicroelectronics STMPE2403 Datasheet HTML 28Page - STMicroelectronics STMPE2403 Datasheet HTML 29Page - STMicroelectronics STMPE2403 Datasheet HTML 30Page - STMicroelectronics STMPE2403 Datasheet HTML 31Page - STMicroelectronics STMPE2403 Datasheet HTML 32Page - STMicroelectronics STMPE2403 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
STMPE2403
Interrupt system
29/63
9.4
Interrupt Status Register (ISR)
ISR register monitors the status of the interruption from a particular interrupt source to the
host. Regardless whether the IER bits are enabled or not, the ISR bits are still updated.
9.5
Interrupt Enable GPIO Mask Register (IEGPIOR)
IEGPIOR register is used to enable the interruption from a particular GPIO interrupt source
to the host. The IEG[23:0] bits are the interrupt enable mask bits correspond to the
GPIO[23:0] pins.
ISR_msb
ISR_lsb
Bit
15
14
13
12
11
10
9
8
7
6
543
21
0
Reserved
IS8
IS7
IS6
IS5
IS4
IS3
IS2
IS1
IS0
R/W
R
R
R
R
R
R
R
RW
RW
RW
RW
RW
RW
RW
RW
RW
Reset
Value
0
0
0
0
0
0
0
0
00
000
00
0
Table 26. Register description
Bits
Name
Description
8:0
IS[x]
Interrupt Status (where x = 8 to 0)
Read:
IS0 = Wake-up Interrupt Status
IS1 = Keypad Controller Interrupt Status
IS2 = Keypad Controller FIFO Overflow Interrupt Status
IS3 = Rotator Controller Interrupt Status
IS4 = Rotator Controller Buffer Overflow Interrupt Status
IS5 = PWM Channel 0 Interrupt Status
IS6 = PWM Channel 1 Interrupt Status
IS7= PWM Channel 2 Interrupt Status
IS8 = GPIO Controller Interrupt Status
Write:
A write to a IS[x] bit with a value of ‘1’ will clear the interrupt and a write with a
value of ‘0’ has no effect on the IS[x] bit.
Table 27. IEGPIOR register
Bit
765
43
21
0
IEGPIOR_msb
IEG-23
IEG -22 IEG -21 IEG -20 IEG -19 IEG -18 IEG -17 IEG -16
IEGPIOR _csb
IEG -15 IEG -14 IEG -13 IEG -12 IEG -11 IEG -10
IEG -9
IEG -8
IEGPIOR _lsb
IEG -7
IEG -6
IEG -5
IEG -4
IEG -3
IEG -2
IEG -1
IEG -0
Table 28. Register description
Name
Description
IEG[x]
Interrupt Enable GPIO Mask (where x = 23 to 0)
Writing a ‘1’ to the IE[x] bit will enable the interruption to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com