Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 20Page - STMicroelectronics STMPE2403 Datasheet HTML 21Page - STMicroelectronics STMPE2403 Datasheet HTML 22Page - STMicroelectronics STMPE2403 Datasheet HTML 23Page - STMicroelectronics STMPE2403 Datasheet HTML 24Page - STMicroelectronics STMPE2403 Datasheet HTML 25Page - STMicroelectronics STMPE2403 Datasheet HTML 26Page - STMicroelectronics STMPE2403 Datasheet HTML 27Page - STMicroelectronics STMPE2403 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
Clocking system
STMPE2403
24/63
8.2
Power mode programming sequence
To put the device in sleep mode, the following needs to be done by the host:
Write a '1' to bit 4 of the SYSCON register.
To wakeup the device, the following needs to be done by the host:
Assert a wakeup routine on the I2C bus by sending the Start Bit, followed by the device
address and the Write bit. Subsequently, proceed with sending the Base Register address
and continue with a normal I2C transaction. The device wakes up upon receiving the
correct device address and in Write direction. In other words, the procedure of waking up
the device is performed by just sending an I2C transaction to the device. This procedure
can be extended to wake up the device that is in hibernate mode.
To do a soft reset to the device, the host needs to do the following:
Write a '1' to bit 7 of the SYSCON register.
This bit is automatically cleared upon reset.
To go into Hibernate mode, the following needs to be done by the host:
Set the Disable_32K bit to '1'
To come out of the Hibernate mode, the following needs to be done by the host:
Assert a system reset or
Put a wakeup on the I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com