Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 53Page - STMicroelectronics STMPE2403 Datasheet HTML 54Page - STMicroelectronics STMPE2403 Datasheet HTML 55Page - STMicroelectronics STMPE2403 Datasheet HTML 56Page - STMicroelectronics STMPE2403 Datasheet HTML 57Page - STMicroelectronics STMPE2403 Datasheet HTML 58Page - STMicroelectronics STMPE2403 Datasheet HTML 59Page - STMicroelectronics STMPE2403 Datasheet HTML 60Page - STMicroelectronics STMPE2403 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
STMPE2403
Rotator controller
57/63
Rotator_Control
Rotator_Buffer
The host should do the following on the I2C bus to start the Rotator controller:
1.
The host writes to GPIO Controller to select the Rotator Bits on the relevant IO.
2.
Write Rotator_Control data register to start the rotator controller. A maximum of 2
rotations later, the correct initial state on the rotator FSM is obtained. Scanning for
rotator movement continues.
3.
The host waits for interrupt from the rotator controller.
4.
The host reads Rotator_Buffer
5.
The host can stop rotator controller operation by writing to Rotator_Control register.
Figure 13. Registers for rotator control
Address
Register name
Register size
0x70
Rotator_Control
8
0x72
Rotator_Buffer
8
Bit
7
6
5
4
3
2
1
0
Start_FSM
Reserved
Read/Write
RW
R
R
R
R
R
R
R
Reset Value
0
0
0
0
0
0
0
0
Table 57. Bit description
Bits
Name
Description
7
Start_FSM
Rotator FSM start bit.
‘1’ – Activate the FSM
‘0’ – Stop sampling rotator symbols
Bit
7
6
543
2
1
0
Symbol_Type
Symbol_Count
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
0
0
0
0
0
0
0
Table 58. Bit description
Bits
Name
Description
7
Symbol_Type
Symbol type to be reported
‘1’ – Down
‘0’ – Up
6~0
Symbol_Count
Number of symbols of the type specified by bit 7
Minimum of 0 (b’0000000) to
Maximum of 127 (b’1111111)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com