Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 31Page - STMicroelectronics STMPE2403 Datasheet HTML 32Page - STMicroelectronics STMPE2403 Datasheet HTML 33Page - STMicroelectronics STMPE2403 Datasheet HTML 34Page - STMicroelectronics STMPE2403 Datasheet HTML 35Page - STMicroelectronics STMPE2403 Datasheet HTML 36Page - STMicroelectronics STMPE2403 Datasheet HTML 37Page - STMicroelectronics STMPE2403 Datasheet HTML 38Page - STMicroelectronics STMPE2403 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
STMPE2403
GPIO controller
35/63
10.2
GPIO Alternate Function Register (GPAFR)
GPAFR is to select the functionality of the GPIO pin. To select a function for a GPIO pin, a
bit-pair in the register (GPAFR_U or GPAFR_L) has to be set.
GPAFR_U_msb
Bit
23
22212019181716
AF23
AF22
AF21
AF20
R/W
RWRWRWRW
RW
RW
RW
RW
Reset
Value
0000000
0
GPAFR_U_csb
Bit
15
1413121110
9
8
AF19
AF18
AF17
AF16
R/W
RWRWRWRW
RW
RW
RW
RW
Reset
Value
0000000
0
GPAFR_U_lsb
Bit
7654321
0
AF15
AF14
AF13
AF12
R/W
RWRWRWRW
RW
RW
RW
RW
Reset
Value
0000000
0
Table 34. Bit description
Bits
Name
Description
23:0
AF[x]
GPIO Pin ‘x’ Alternate Function Select (where x = 23 to 12).
‘00’ – The corresponding GPIO pin (GPIO[x]) is configured to Primary Function.
‘01’ – The corresponding GPIO pin (GPIO[x]) is configured to Alternate Function 1.
‘10’ – The corresponding GPIO pin (GPIO[x]) is configured to Alternate Function 2.
‘11’ – The corresponding GPIO pin (GPIO[x]) is configured to Alternate Function 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com