Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 52Page - STMicroelectronics STMPE2403 Datasheet HTML 53Page - STMicroelectronics STMPE2403 Datasheet HTML 54Page - STMicroelectronics STMPE2403 Datasheet HTML 55Page - STMicroelectronics STMPE2403 Datasheet HTML 56Page - STMicroelectronics STMPE2403 Datasheet HTML 57Page - STMicroelectronics STMPE2403 Datasheet HTML 58Page - STMicroelectronics STMPE2403 Datasheet HTML 59Page - STMicroelectronics STMPE2403 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
Rotator controller
STMPE2403
56/63
13
Rotator controller
Rotator controller consists of 3 terminal, each capable of becoming an input with internal
pull-up, or and output. At any moment, 2 terminals are inputs and one terminal is output.
Figure 11. Rotator controller
The Rotator Controller is responsible for the detection of the direction of rotator and the
reporting of these direction sequences. The direction of a rotator can be either up or down.
A rotator has 3 contacts and detection of shorts on these contacts is used to determine the
direction of rotation. Following diagram shows the definition of the direction of rotation and
how the FSM states and driven outputs correspond to rotation.
3 possible conditions: A-B short, B-C short, C-A short.
Figure 12. Rotator direction detection
Table 56. Possible conditions
LO
Input
Current State
Next State
Result
State
Output
Input
Input
State
Output
Input
Input
C
1
AB
C
2
BA
C
Up
B1
A
B
C
3
C
A
B
Down
A2
B
A
C
3
C
A
B
Down
C
2
BA
C
1
AB
C
Up
A3
C
A
B
2
B
A
C
Up
B3
C
A
B
1
A
B
C
Down
R
o
ta
to
rC
o
n
tro
lle
r
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com