Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 36Page - STMicroelectronics STMPE2403 Datasheet HTML 37Page - STMicroelectronics STMPE2403 Datasheet HTML 38Page - STMicroelectronics STMPE2403 Datasheet HTML 39Page - STMicroelectronics STMPE2403 Datasheet HTML 40Page - STMicroelectronics STMPE2403 Datasheet HTML 41Page - STMicroelectronics STMPE2403 Datasheet HTML 42Page - STMicroelectronics STMPE2403 Datasheet HTML 43Page - STMicroelectronics STMPE2403 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
PWM controller
STMPE2403
40/63
11
PWM controller
The STMPE2403 PWM controller provides 3 independent PWM outputs used to generate
light effect; if the PWM outputs are not used, these pins can be used as GPIO.
Figure 7.
PWM controller
Instructions are downloaded into the memory via the I2C connection.
32KHz
Primary Clock
Prescaler
(Divide by 16 or 512)
Divide by “Step Time”
(Up/Down by “Step
Sign”)
Comparator
PWM Count
Count from 0-255
based on instructions
PWM Ref
Counts from 0-255
repeatedly
Increment
Counter
64Hz-2KHz
1Hz-2KHz
Instruction Word 0
Instruction Word 1
Instruction Word 2
Instruction Word 63
Instruction
Processor
INT
PWM Output
Trigger Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com