Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 23Page - STMicroelectronics STMPE2403 Datasheet HTML 24Page - STMicroelectronics STMPE2403 Datasheet HTML 25Page - STMicroelectronics STMPE2403 Datasheet HTML 26Page - STMicroelectronics STMPE2403 Datasheet HTML 27Page - STMicroelectronics STMPE2403 Datasheet HTML 28Page - STMicroelectronics STMPE2403 Datasheet HTML 29Page - STMicroelectronics STMPE2403 Datasheet HTML 30Page - STMicroelectronics STMPE2403 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
STMPE2403
Interrupt system
27/63
9.2
Interrupt Control Register (ICR)
ICR register is used to configure the Interrupt Controller. It has a global enable interrupt
mask bit that controls the interruption to the host.
ICR_msb
ICR_lsb
Bit
15
14
13
12
11
10
9876543
2
1
0
Reserved
IC2
IC1
IC0
R/W
RRRRRR
RRRRRRR
RW
RW
RW
Reset
Value
000000
0000000
0
0
0
Table 24. Register description
Bit
Name
Description
0IC[0]
Global Interrupt Mask bit
When this bit is written a ‘1’, it will allow interruption to the host. If it is written with
a ‘0’, then, it disables all interruption to the host. Writing to this bit does not affect
the IER value.
1IC[1]
Output Interrupt Type
‘0’ = Level interrupt
‘1’ = Edge interrupt
2IC[2]
Output Interrupt Polarity
‘0’ = Active Low / Falling Edge
‘1’ = Active High / Rising Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com