Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 34Page - STMicroelectronics STMPE2403 Datasheet HTML 35Page - STMicroelectronics STMPE2403 Datasheet HTML 36Page - STMicroelectronics STMPE2403 Datasheet HTML 37Page - STMicroelectronics STMPE2403 Datasheet HTML 38Page - STMicroelectronics STMPE2403 Datasheet HTML 39Page - STMicroelectronics STMPE2403 Datasheet HTML 40Page - STMicroelectronics STMPE2403 Datasheet HTML 41Page - STMicroelectronics STMPE2403 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
GPIO controller
STMPE2403
38/63
10.4
MUX Control Register (MCR)
STMPE2403 is integrated with 2 SPDT bi-directional signal multiplexer. The Ron of the
multiplexer is 5 OHM (Typical). Signal level is 1.8V (MAX). The MUX are controlled by the
MUX Control register.
MCR is to control the two analog multiplexers operation.
MCR
Bit
7
6
543
210
RESERVED
M1C1
M2C1
M1C1
M1C0
R/W
RRR
R
RW
RW
RW
RW
Reset
Value
0
0
000
000
Table 36. Bit description
Bits
Name
Description
0
M1C0
MUX 1 Control 0 bit selects whether Mux1In_0 or Mux1In_1 connects to
Mux1Out.
‘0’ – Mux1In_0 is connected to the Mux1Out.
‘1’ – Mux1In_1 is connected to the Mux1Out.
1
M1C1
MUX 1 Control 1 bit enables the MUX 1.
‘0’ – Enables the MUX 1.
‘1’ – Disables the MUX 1.
2
M2C0
MUX 2 Control 0 bit selects whether Mux2In_0 or Mux2In_1 connects to
Mux2Out.
‘0’ – Mux1In_0 is connected to the Mux1Out.
‘1’ – Mux1In_1 is connected to the Mux1Out.
3
M2C1
MUX 2 Control 1 bit enables the MUX 2.
‘0’ – Enables the MUX 2.
‘1’ – Disables the MUX 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com