Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 26Page - STMicroelectronics STMPE2403 Datasheet HTML 27Page - STMicroelectronics STMPE2403 Datasheet HTML 28Page - STMicroelectronics STMPE2403 Datasheet HTML 29Page - STMicroelectronics STMPE2403 Datasheet HTML 30Page - STMicroelectronics STMPE2403 Datasheet HTML 31Page - STMicroelectronics STMPE2403 Datasheet HTML 32Page - STMicroelectronics STMPE2403 Datasheet HTML 33Page - STMicroelectronics STMPE2403 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
Interrupt system
STMPE2403
30/63
9.6
Interrupt Status GPIO Register (ISGPIOR)
ISGPIOR register monitors the status of the interruption from a particular GPIO pin interrupt
source to the host. Regardless whether the IEGPIOR bits are enabled or not, the ISGPIOR
bits are still updated. The ISG[23:0] bits are the interrupt status bits correspond to the
GPIO[23:0] pins.
Table 29. ISGPIOR register
Bit
7
65
43
210
ISGPIOR_msb
ISG-23
ISG -22 ISG -21 ISG -20 ISG -19 ISG -18 ISG -17 ISG -16
ISGPIOR _csb
ISG -15 ISG -14 ISG -13 ISG -12 ISG -11 ISG -10
ISG -9
ISG -8
ISGPIOR _lsb
ISG -7
ISG -6
ISG -5
ISG -4
ISG -3
ISG -2
ISG -1
ISG -0
Table 30. Register description
Name
Description
ISG[x]
Interrupt Status GPIO (where x = 23 to 0)
Read:
Interrupt Status of the GPIO[x].
Write:
A write to a ISG[x] bit with a value of ‘1’ will clear the interrupt and a write with a value of
‘0’ has no effect on the ISG[x] bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com