Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 40Page - STMicroelectronics STMPE2403 Datasheet HTML 41Page - STMicroelectronics STMPE2403 Datasheet HTML 42Page - STMicroelectronics STMPE2403 Datasheet HTML 43Page - STMicroelectronics STMPE2403 Datasheet HTML 44Page - STMicroelectronics STMPE2403 Datasheet HTML 45Page - STMicroelectronics STMPE2403 Datasheet HTML 46Page - STMicroelectronics STMPE2403 Datasheet HTML 47Page - STMicroelectronics STMPE2403 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
PWM controller
STMPE2403
44/63
Instruction
Description
LOAD
Load the PWM counter with a value between 0x0 and 0xFF.
PWM value: (0-255)
Loads an absolute value between 0-255 into PWM count
Go to Start (GTS) Branch to the address 0x0 and execute from 0x0 and onwards.
BRANCH
This instruction loads the Step Number into the instruction counter
Loop Count: (0-63)
Number of loops to repeat. 0 means infinite loop
Addr: (0 or 1)
0 – Absolute addressing
1 – Relative addressing
Step Size: (0-63)
The step number to be loaded to instruction counter
END
End the instruction execution by resetting and interrupting to the host.
Trigger (TRIG)
Capable of waiting as well as sending triggers to another PWM channel. Can be
configured to send/receive external trigger
Wait For Trigger
Bit 7: Channel 0
Bit 8: Channel 1
Bit 9: Channel 2
Bit 12: External Trigger Input
Send Trigger
Bit 1: Channel 0
Bit 2: Channel 1
Bit 3: Channel 2
Bit 6: External Trigger Output
Table 43. Identification of Instructions
Instruction
Bit 15
Bit 14
Bit 13
Ramp
0
-
-
LOAD
0
1
-
GoToStart
0
0
-
Branch
101
End
110
Trigger
111
Reserved
100
Table 42. PWM commands (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com