Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 8Page - STMicroelectronics STMPE2403 Datasheet HTML 9Page - STMicroelectronics STMPE2403 Datasheet HTML 10Page - STMicroelectronics STMPE2403 Datasheet HTML 11Page - STMicroelectronics STMPE2403 Datasheet HTML 12Page - STMicroelectronics STMPE2403 Datasheet HTML 13Page - STMicroelectronics STMPE2403 Datasheet HTML 14Page - STMicroelectronics STMPE2403 Datasheet HTML 15Page - STMicroelectronics STMPE2403 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
Electrical specification
STMPE2403
12/63
4.3
DC input specification
(1.55V < VDD < 1.95V)
4.4
DC output specification
(1.55V < vdd < 1.95V)
Note:
Pull-up and Pull-down characteristics
4.5
AC characteristics
Table 9. DC input specification
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
Vol
Low level output voltage
Iol = 4mA
0.45
V
Voh
High level output voltage
Ioh = 4mA
Vcc - 0.45
= 1.35
V
Vol_PWM
Low level output voltage
Iol = 16mA
0.45
V
Voh_PWM
High level output voltage
Ioh = 16mA
Vcc - 0.45
= 1.35
V
Table 10. DC output specification
Symbol
Parameter
Test
conditions
Value
Unit
Min.
Typ.
Max.
Ipu
Pull-up current
Vi = 0V
15
35
65
uA
Ipd
Pull-down current
Vi = vdd
14
35
60
uA
Rup
Equivalent pull-up resistance
Vi = 0V
30
50
103.3
K
Ω
Rpd
Equivalent pull-down resistance
Vi = vdd
32.5
50
110.7
K
Ω
Ron_1
Ron when the MUX is ON
Vsignal = 0V
5
10
Ω
Ron_2
Ron when the MUX is ON
Vsignal = 0.9V
5
20
Ω
Ron_3
Ron when the MUX is ON
Vsignal = 1.8V
10
10
Ω
Ron
Ron when the MUX is ON
Vsignal < 1.8V
20
35
Ω
Table 11. AC characteristics
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
Int_32KHz Internally generated 32KHz clock
22
28
41.6
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com