Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 50Page - STMicroelectronics STMPE2403 Datasheet HTML 51Page - STMicroelectronics STMPE2403 Datasheet HTML 52Page - STMicroelectronics STMPE2403 Datasheet HTML 53Page - STMicroelectronics STMPE2403 Datasheet HTML 54Page - STMicroelectronics STMPE2403 Datasheet HTML 55Page - STMicroelectronics STMPE2403 Datasheet HTML 56Page - STMicroelectronics STMPE2403 Datasheet HTML 57Page - STMicroelectronics STMPE2403 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
Keypad controller
STMPE2403
54/63
12.8.1
Resistance
Maximum resistance between keypad output and keypad input, inclusive of switch
resistance, protection circuit resistance and connection, must be less than 3.2 K
Ω
12.8.2
Using the keypad controller
It is not necessary to explicitly enable the internal pull-up and direction by configuring the GPIO control
registers. Once a GPIO is enabled for keypad function, its internal pull-up and direction is controlled
automatically.
The scanning of column inputs should then be enabled for those GPIO ports that are
configured as keypad inputs by writing ‘1’s to the corresponding bits in the KPC_col register.
If any of the first three column inputs is to be used as dedicated key input, the corresponding
bits in the KPC_ctrl_msb register should be set to ‘1’. The bits in the KPC_row_msb and
KPC_row_lsb registers should also be set correctly to enable the row output scanning for
the corresponding GPIO ports programmed as keypad outputs.
The scan count and de-bounce count should also be programmed into the keypad control
registers before enabling the keypad controller operation. To enable the keypad controller
operation, the Enable_KPC bit in the system control register must be set to ‘1’ to provide the
required clock signals. The keypad controller will then start its operation by setting the
SCAN bit in the KPC_ctrl_lsb register to ‘1’.
The keypad controller operation can be disabled by setting the SCAN bit back to ‘0’. To
further reduce the power consumption, the clock signals can be cut off from the keypad
controller by setting the Enable_KPC bit to ‘0’.
As long as there is any un-read key-press in the keypad controller buffer, the KPC interrupt
will always be asserted.
12.8.3
Ghost Key Handling
Ghost key is an inherent in keypad matrix that is not equipped with a diode at each of the
keys. While it is not possible to avoid ghost key occurrence, the STMPE2403 allow the
detection of possible ghost key by the capability of detecting 3 simultaneous key-presses in
the key matrix.
Ghost key is only possible if 3 keys are pressed and held down together in a keypad matrix.
If 3 keys are reported by STMPE2403 keypad controller, it indicates a potential ghost key
situation. The system may check for possibility of ghost key by analyzing the coordinates of
the 3 keys. If the 3 keys form 3 corners of a rectangle, it could be a ghost key situation.
Ghost key may also occur in the Special Function Keys. The keypad controller does not
attempt to avoid the occurrence of ghost keys. However, the system should be aware that if
more than one special function key is reported, then there is a possibility of ghost key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com