Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 7Page - STMicroelectronics STMPE2403 Datasheet HTML 8Page - STMicroelectronics STMPE2403 Datasheet HTML 9Page - STMicroelectronics STMPE2403 Datasheet HTML 10Page - STMicroelectronics STMPE2403 Datasheet HTML 11Page - STMicroelectronics STMPE2403 Datasheet HTML 12Page - STMicroelectronics STMPE2403 Datasheet HTML 13Page - STMicroelectronics STMPE2403 Datasheet HTML 14Page - STMicroelectronics STMPE2403 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
STMPE2403
Electrical specification
11/63
4
Electrical specification
4.1
DC electrical characteristics
4.2
I/O DC electrical characteristics
The 1.8V I/O complies to the EIA/JEDEC standard JESD8-7.
Table 7. DC electrical characteristics
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VCC1,2
Supply voltage
1.65
1.8
1.95
V
IHIBERNATE1 HIBERNATE mode
current
XTALIN not floating
15
20
uA
IHIBERNATE2 HIBERNATE mode
current
XTALIN floating
35
40
uA
ISLEEP1
SLEEP mode current
XTALIN not floating
55
100
uA
ISLEEP2
SLEEP mode current
XTALIN floating
75
120
uA
Icc
Operating current
(FSM working – No
peripheral activity)
1.2
1.6
mA
INT
Open drain output
current
4mA
Table 8. I/O DC electrical characteristic
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
Vil
Low level input voltage
0.35*Vcc
= 0.63
V
Vih
High level input voltage
0.65*Vcc
= 1.17
V
Vhyst
Schmitt trigger hysteresis
0.10
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com