Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 47Page - STMicroelectronics STMPE2403 Datasheet HTML 48Page - STMicroelectronics STMPE2403 Datasheet HTML 49Page - STMicroelectronics STMPE2403 Datasheet HTML 50Page - STMicroelectronics STMPE2403 Datasheet HTML 51Page - STMicroelectronics STMPE2403 Datasheet HTML 52Page - STMicroelectronics STMPE2403 Datasheet HTML 53Page - STMicroelectronics STMPE2403 Datasheet HTML 54Page - STMicroelectronics STMPE2403 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
STMPE2403
Keypad controller
51/63
12.7
KPC_ctrl_lsb register
12.8
Data registers
The KPC_DATA register contains three bytes of information. The first two bytes store the key
coordinates and status of any two keys from the normal key matrix, while the third byte store
the status of dedicated keys.
KPC_data_byte0 Register
Bit
7
654
3
2
1
0
Name
DB_0 ~ 5
SCAN
Read/Write
RW
RW
RW
RW
RW
RW
RW
RW
Reset Value
0
0
0
0
0
0
0
0
Table 50. Bit description
Bit
Name
Description
7DB_6
0-128ms of de-bounce time
6DB_5
5DB_4
4DB_3
3DB_2
2DB_1
1DB_0
0
SCAN
‘1’ to start scanning; ‘0’ to stop
Bit
7
654321
0
Name
Up/Down
R3R2R1R0C2
C1
C0
Read/Write
R
RRRRRRR
Reset Value
1
111100
0
Table 51. Bit description
Bit
Name
Description
7
Up/Down
‘0’ for key-down, ‘1’ for key-up
6R3
row number of key 1 (valid range : 0-11)
0x1111 for No Key
5R2
4R1
3R0
2C2
column number of key 1 (valid range : 0-7)
1C1
0C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com