Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 33Page - STMicroelectronics STMPE2403 Datasheet HTML 34Page - STMicroelectronics STMPE2403 Datasheet HTML 35Page - STMicroelectronics STMPE2403 Datasheet HTML 36Page - STMicroelectronics STMPE2403 Datasheet HTML 37Page - STMicroelectronics STMPE2403 Datasheet HTML 38Page - STMicroelectronics STMPE2403 Datasheet HTML 39Page - STMicroelectronics STMPE2403 Datasheet HTML 40Page - STMicroelectronics STMPE2403 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
STMPE2403
GPIO controller
37/63
10.3
Hot key feature
A GPIO is known as ‘Hot Key’ when it is configured to trigger an interruption to the host
whenever the GPIO input is being asserted. This feature is applicable in Operational mode
,as well as Sleep mode.
10.3.1
Programming sequence for Hot Key
1.
Configures the GPIO pin into GPIO mode by setting the corresponding bits in the
GPAFR.
2.
Configures the GPIO pin into input direction by setting the corresponding bit in GPDR.
3.
Set the GPRER and GPFER to the desired values to enable the rising edge or falling
edge detection.
4.
Configures and enables the interrupt controller to allow the interruption to the host.
5.
Now, the GPIO Expander may be put into Sleep mode if it is desired.
6.
Upon any Hot Key being asserted, the device will wake-up and issue an interrupt to the
host.
Below are the conditions to be fulfilled in order to configure a Hot Key:
1.
The pin is configured into GPIO mode and as input pin.
2.
The global interrupt mask bit is enabled.
3.
The corresponding GPIO interrupt mask bit is enabled.
10.3.2
Minimum pulse width
The minimum pulse width of the assertion of the Hot Key must be at least 62.5us. Any pulse
width less than the stated value may not be registered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com