Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2403 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 37Page - STMicroelectronics STMPE2403 Datasheet HTML 38Page - STMicroelectronics STMPE2403 Datasheet HTML 39Page - STMicroelectronics STMPE2403 Datasheet HTML 40Page - STMicroelectronics STMPE2403 Datasheet HTML 41Page - STMicroelectronics STMPE2403 Datasheet HTML 42Page - STMicroelectronics STMPE2403 Datasheet HTML 43Page - STMicroelectronics STMPE2403 Datasheet HTML 44Page - STMicroelectronics STMPE2403 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
STMPE2403
PWM controller
41/63
11.1
Registers in the PWM controller
The main system registers are:
Table 39. Main system registers
Address
Register name
Description
Auto-Increment
(during Read/Write)
0x30
PWMCS
PWM Control and Status register
Yes
0x38
PWMIC0
PWM instructions are initialized through this
data port. Every instruction is 16-bit width and
therefore, the MSB of the first word is written
first, then, followed by LSB of the first word.
Subsequently, MSB of second word and LSB of
second word and so on.
No
0x39
PWMIC1
PWM instructions are initialized through this
data port. Every instruction is 16-bit width and
therefore, the MSB of the first word is written
first, then, followed by LSB of the first word.
Subsequently, MSB of second word and LSB of
second word and so on.
No
0x3A
PWMIC2
PWM instructions are initialized through this
data port. Every instruction is 16-bit width and
therefore, the MSB of the first word is written
first, then, followed by LSB of the first word.
Subsequently, MSB of second word and LSB of
second word and so on.
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com