Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 26 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 26 of 148
Table 22. Scratch Pad 2 SFR (SCRATCH2, Address 0xFC)
Bit
Mnemonic
Default
Description
[7:0]
SCRATCH2
0
Value can be written/read in this register. This value is maintained in all the power saving modes.
Table 23. Scratch Pad 3 SFR (SCRATCH3, Address 0xFD)
Bit
Mnemonic
Default
Description
[7:0]
SCRATCH3
0
Value can be written/read in this register. This value is maintained in all the power saving modes.
Table 24. Scratch Pad 4 SFR (SCRATCH4, Address 0xFE)
Bit
Mnemonic
Default
Description
[7:0]
SCRATCH4
0
Value can be written/read in this register. This value is maintained in all the power saving modes.
Clearing the Scratch Pad Registers (SCRATCH1, Address 0xFB to SCRATCH4, Address 0xFE)
Note that these scratch pad registers are cleared only when the part loses VDD and VBAT.
Table 25. Power Control SFR (POWCON, Address 0xC5)
Bit
Mnemonic
Default
Description
7
Reserved
1
Reserved.
6
METER_OF
F
0
Set this bit to turn off the modulators and energy metering DSP circuitry to reduce power if metering
functions are not needed in PSM0.
5
Reserved
0
This bit should be kept at 0 for proper operation.
4
COREOFF
0
Set this bit to shut down the core and enter PSM2 mode if in the PSM1 operating mode.
3
Reserved
0
Reserved.
[2:0]
CD
010
Controls the core clock frequency, fCORE. fCORE = 4.096 MHz/2CD.
CD
Result (fCORE in MHz)
000
4.096
001
2.048
010
1.024
011
0.512
100
0.256
101
0.128
110
0.064
111
0.032
Writing to the Power Control SFR (POWCON, Address 0xC5)
Writing data to the POWCON SFR involves writing 0xA7 into the key SFR (KYREG, Address 0xC1), which is described in Table 125,
followed by a write to the POWCON SFR. For example,
MOV KYREG,#0A7h
;Write KYREG to 0xA7 to get write access to the POWCON SFR
MOV POWCON,#10h
;Shutdown the core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com