Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 51 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 51 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 51 of 148
1
1
0
1
0
0
1
70
PGA1
IP/IPA
IN
I
ADC 1
HPF
24
PGA2
VP
VN
V
ADC 2
24
LPF2
V
I
60Hz
0.1°
I
V
CHANNEL 2 DELAY
REDUCED BY 4.48µs
(0.1°LEAD AT 60Hz)
0x0B IN PHCAL[7:0]
PHCAL[7:0]
–231.93µs TO +48.83µs
60Hz
1
1
DELAY BLOCK
1.22µs/LSB
Figure 55. Phase Calibration
RMS CALCULATION
The root mean square (rms) value of a continuous signal V(t) is
defined as
∫
×
=
T
rms
dt
t
V
T
V
0
2
)
(
1
()
(1)
For time sampling signals, rms calculation involves squaring the
signal, taking the average, and obtaining the square root. The
ADE5166/ADE5169 implement this method by serially squaring
the input, averaging them, and then taking the square root of
the average. The averaging part of this signal processing is done
by implementing a low-pass filter (LPF3 in Figure 56, Figure 57,
and Figure 58).
This LPF has a −3 dB cutoff frequency of 2 Hz when MCLK =
4.096 MHz.
)
sin(
2
t
V
t
V
ω
×
=
()
t
V
V
t
V
ω
−
=
2
cos
)
(
2
2
2
V
(2)
where V is the rms voltage.
(3)
When this signal goes through LPF3, the cos(2ωt) term is attenu-
ated and only the dc term, Vrms2 (shown as V2 in Figure 56), goes
through.
LPF3
INPUT
V2 (t) = V2 –V2 cos(2ωt)
V2 (t) = V2
V(t) = √2 × V sin(ωt)
Figure 56. RMS Signal Processing
The Irms signal can be read from the waveform register by set-
ting the WAVMODE register (Address 0x0D) and setting the
WFSM bit (Bit 5) in the Interrupt Enable 3 SFR (MIRQENH,
Address 0xDB). Like the current and voltage channels waveform
sampling modes, the waveform data is available at sample rates of
25.6 kSPS, 12.8 kSPS, 6.4 kSPS, and 3.2 kSPS.
It is important to note that when the current input is larger than
40% of full scale, the Irms waveform sample register does not
represent the true processed rms value. The rms value processed
with this level of input is larger than the 24-bit read by the wave-
form register, making the value read truncated on the high end.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com