Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 57 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 55Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 56Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 57Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 58Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 59Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 60Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 57 of 148
POS
POS
INTERRUPT STATUS REGISTERS
NEG
APSIGN FLAG
NO LOAD
THRESHOLD
ACTIVE POWER
NO LOAD
THRESHOLD
ACTIVE ENERGY
Line Cycle Active Energy Accumulation Mode
In line cycle active energy accumulation mode, the energy accumu-
lation of the ADE5166/ADE5169 can be synchronized to the
voltage channel zero crossing so that active energy can be
accumulated over an integral number of half-line cycles. The
advantage of summing the active energy over an integer number
of line cycles is that the sinusoidal component in the active energy
is reduced to 0. This eliminates any ripple in the energy calculation.
Energy is calculated more accurately and more quickly because
the integration period can be shortened. By using this mode,
the energy calibration can be greatly simplified, and the time
required to calibrate the meter can be significantly reduced.
In the line cycle active energy accumulation mode, the ADE5166/
ADE5169 accumulate the active power signal in the LWATTHR
register (Address 0x03) for an integral number of line cycles, as
shown in Figure 65. The number of half-line cycles is specified in
the LINCYC register (Address 0x12).
APNOLOAD
APNOLOAD
The ADE5166/ADE5169 can accumulate active power for up to
65,535 half-line cycles. Because the active power is integrated
on an integral number of line cycles, the CYCEND flag (Bit 2) in
the Interrupt Status 3 SFR (MIRQSTH, Address 0xDE) is set at the
end of an active energy accumulation line cycle. If the CYCEND
enable bit (Bit 2) in the Interrupt Enable 3 SFR (MIRQENH,
Address 0xDB) is set, the 8052 core has a pending ADE interrupt.
The ADE interrupt stays active until the CYCEND status bit is
cleared (see the Energy Measurement Interrupts section). Another
calibration cycle starts as soon as the CYCEND flag is set. If the
LWATTHR register (Address 0x03) is not read before a new
CYCEND flag is set, the LWATTHR register is overwritten by
a new value.
Figure 64. Energy Accumulation in Absolute Accumulation Mode
Active Energy Pulse Output
All of the ADE5166/ADE5169 circuitry has a pulse output whose
frequency is proportional to active power (see the Active Power
Calculation section). This pulse frequency output uses the
calibrated signal from the WGAIN register (Address 0x1D)
output, and its behavior is consistent with the setting of the
active energy accumulation mode in the ACCMODE register
(Address 0x0F). The pulse output is active low and should
preferably be connected to an LED, as shown in Figure 75.
TO
DIGITAL-TO-FREQUENCY
CONVERTER
WDIV[7:0]
WATTOS[15:0]
WGAIN[11:0]
LPF1
+
+
LWATTHR[23:0]
ACCUMULATE
ACTIVE ENERGY IN
INTERNAL REGISTER
AND UPDATE THE
LWATTHR REGISTER
AT THE END OF LINCYC
HALF-LINE CYCLES
OUTPUT
FROM
LPF2
FROM VOLTAGE
CHANNEL
ADC
23
0
LINCYC[15:0]
48
0
%
ZERO-CROSSING
DETECTION
CALIBRATION
CONTROL
Figure 65. Line Cycle Active Energy Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com